Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1656 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F1656
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1656 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F1656 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Rev. 1.00
�1 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
Pin Assignment
�8 �7 �6 �5 �� �3 �� �1 �0 39 38
1
�
3
�
5
6
7
8
9
10
11
13 1� 15 16 17 18 19 �0 �1 �� �3
35
3�
33
3�
31
30
�9
�8
�7
�6
�5
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
VDD33_1
USBDM
/PB12
USBDP
/PB13
VSS33_3
VDD33_3
PB1
PB0
PA15
PA14
PA10
PA9_
BOOT1
PA8_
BOOT0
AF0
(Default)
P33
P33
BAK
5VT
BAK
P33
BAK
33V
BAK
33V
BAK
5VT
5VT
5VT
5VT
P18
USB
USB
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
AP
AP
P33
AP
P18
33V
5VT
5VT
3.3 V Digital Power Pad
3.3 V Analog Power Pad
1.8 V Power Pad
3.3 V I/O Pad
5 V Tolerance I/O Pad
High Current Output
5 V Tolerance I/O Pad
Holtek HT32F1656/1655
LQFP-48
37
1�
��
36
AF0
(Default)
33V
VSS33_1
P33
P33
33V 33V
P33
P33
5VT
33V
33V
P33
P33
5VT 5VT 5VT 5VT
5VT
5VT
5VT
5VT
5VT
5VT
USB
USB PHY Pad
SWCLK
TRACESWO
SWDIO
BAK
Backup Domain Pad
PA11
PA12
PA13
AF1
Figure 4. HT32F1656/1655 LQFP-48 Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com