Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1656 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT32F1656
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1656 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT32F1656 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Rev. 1.00
3� of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
Reset and Supply Monitor Characteristics
Table 8. LVD/BOD Characteristics
TA = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBOD
Brown O�t Detector Vo�tage
—
—
�.6
—
V
VLVD
Vo�tage of Low Vo�tage Detector
LVDS (Note1) = ‘000’
—
�.7
—
V
LVDS (Note1) = ‘001’
—
�.8
—
V
LVDS (Note1) = ‘010’
—
�.9
—
V
LVDS (Note1) = ‘011’
—
3.0
—
V
LVDS (Note1) = ‘100’
—
3.1
—
V
LVDS (Note1) = ‘101’
—
3.�
—
V
LVDS (Note1) = ‘110’
—
3.�
—
V
LVDS (Note1) = ‘111’
—
3.5
—
V
VPOR
Power On Reset Vo�tage
—
—
1.36
—
V
Note: LVDS field is in PWRCU LVDCSR register
External Clock Characteristics
Table 9. High Speed External Clock (HSE) Characteristics
TA = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE
High Speed Externa� osci��ator
freq�enc� (HSE)
VDD33 = 3.3 V
�
—
16
MHz
CHSE
Recommended �oad capacitance on
XTALIN and XTALOUT pins
—
TBD
—
pF
RFHSE
Recommended externa� feedback
resistor between XTALIN and
XTALOUT pins
—
1.0
—
MΩ
DHSE
HSE osci��ator D�t� c�c�e
�0
—
60
%
IDDHSE
HSE osci��ator c�rrent cons�mption
VDD33 = 3.3 V� TA = �5°C
—
0.96
—
mA
ISTBHSE
HSE osci��ator standb� c�rrent
VDD33 = 3.3 V� TA = �5°C
—
—
0.1
μA
tSUHSE
HSE osci��ator start�p time
VDD33 = 3.3 V� TA = �5°C
—
—
�
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com