Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1656 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT32F1656
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1656 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT32F1656 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Rev. 1.00
13 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
The Universal Synchronous Asynchronous Receiver Transceiver, USART, provides a flexible
full duplex data exchange using synchronous or asynchronous transfer. The USART is used to
translate data between parallel and serial interfaces, and is commonly used for RS232 standard
communication. The USART peripheral function supports four types of interrupt including Line
Status Interrupt, Transmitter FIFO Empty Interrupt, Receiver Threshold Level Reaching Interrupt
and Time Out Interrupt. The USART module includes a 16-byte transmitter FIFO, (TX_FIFO) and
a 16-byte receiver FIFO (RX_FIFO). The software can detect a USART error status by reading the
Line Status Register, LSR. The status includes the type and the condition of transfer operations as
well as several error conditions resulting from Parity, Overrun, Framing and Break events.
Universal Asynchronous Receiver Transmitter – UART
▀ Asynchronous serial communication operating baud-rate up to 4.5 MHz
▀ Full duplex communication
▀ Fully programmable serial communication characteristics including:
● Word length: 7, 8, or 9-bit character
● Parity: Even, odd, or no-parity bit generation and detection
● Stop bit: 1 or 2 stop bit generation
● Bit order: LSB-first or MSB-first transfer
▀ Error detection: Parity, overrun, and frame error
▀ FIFO Depth: 16 x 9 bits for both receiver and transmitter
The Universal Asynchronous Receiver Transceiver, UART, provides a flexible full duplex data
exchange using asynchronous transfer. The UART is used to translate data between parallel and
serial interfaces, and is commonly used for RS232 standard communication. The UART peripheral
function supports four types of interrupt including Line Status Interrupt, Transmitter FIFO Empty
Interrupt, Receiver Threshold Level Reaching Interrupt and Time Out Interrupt. The UART
module includes a 16-byte transmitter FIFO, (TX_FIFO) and a 16-byte receiver FIFO (RX_
FIFO). The software can detect a UART error status by reading the Line Status Register, LSR. The
status includes the type and the condition of transfer operations as well as several error conditions
resulting from Parity, Overrun, Framing and Break events.
Smart Card Interface – SCI
▀ Supports ISO 7816-3 standard
▀ Character mode
▀ Single transmit buffer and single receive buffer
▀ 11-bit ETU (elementary time unit) counter
▀ 9-bit guard time counter
▀ 24-bit general purpose waiting time counter
▀ Parity generation and checking
▀ Automatic character retry on parity error detection in transmission and reception modes
The Smart Card Interface is compatible with the ISO 7816-3 standard. This interface includes
Card Insertion/Removal detection, SCI data transfer control logic and data buffers, internal
Timer Counters and corresponding control logic circuits to perform all the necessary Smart Card
operations. The Smart Card interface acts as a Smart Card Reader to facilitate communication
with the external Smart Card. The overall functions of the Smart Card interface are controlled
by a series of registers including control and status registers together with several corresponding
interrupts which are generated to get the attention of the microcontroller for SCI transfer status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com