Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1655 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT32F1655
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1655 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT32F1655 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Rev. 1.00
39 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
I2C Characteristics
Table 19. I2C Characteristics
Symbol
Parameter
Standard mode
Fast mode
Fast mode plus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL c�ock freq�enc�
—
100
�00
1000
kHz
tSCL(H)
SCL c�ock high time
�.5
1.1�5
0.�5
μs
tSCL(L)
SCL c�ock �ow time
�.5
1.1�5
0.�5
μs
tFALL
SCL and SDA fa�� time
1.3
0.3�
0.135
μs
tRISE
SCL and SDA rise time
1.3
0.3�
0.135
μs
tSU(SDA)
SDA data set�p time
500
1�5
50
ns
tH(SDA)
SDA data ho�d time
0
0
0
ns
tSU(STA)
START condition set�p time
500
1�5
50
ns
tH(STA)
START condition ho�d time
0
0
0
ns
tSU(STO)
STOP condition set�p time
500
1�5
50
ns
Note: 1. G�aranteed b� design� not tested in prod�ction.
�. To achieve 100kHz standard mode� the periphera� c�ock freq�enc� m�st be higher than �MHz.
3. To achieve �00kHz fast mode� the periphera� c�ock freq�enc� m�st be higher than 8MHz.
�. To achieve 1MHz fast mode p��s� the periphera� c�ock freq�enc� m�st be higher than �0MHz.
5. The above characteristic parameters of the I�C b�s timing are based on: SEQ_FILTER = 01 and COMB_
FILTER_En is disab�ed.
tSU(STA)
tH(STA)
tFALL
tSCL(L)
tRISE
tSCL(H)
tH(SDA)
tSU(SDA)
tSU(STO)
SCL
SDA
Figure 8. I2C Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com