Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1655 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT32F1655
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1655 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT32F1655 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Rev. 1.00
1� of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
Inter-integrated Circuit – I2C
▀ Supports both master and slave modes with a frequency of up to 1 MHz
▀ Provide an arbitration function and clock synchronisation
▀ Supports 7-bit and 10-bit addressing modes and general call addressing
▀ Supports slave multi-addressing mode with maskable address
The I2C Module is an internal circuit allowing communication with an external I2C interface which
is an industry standard two line serial interface used for connection to external hardware. These
two serial lines are known as a serial data line, SDA, and a serial clock line, SCL. The I2C module
provides three data transfer rates: 1. 100 kHz in the Standard mode, 2. 400 kHz in the Fast mode
and 3. 1 MHz in the Fast mode plus mode. The SCL period generation register is used to setup
different kinds of duty cycle implementations for the SCL pulse.
The SDA line which is connected directly to the I2C bus is a bi-directional data line between the
master and slave devices and is used for data transmission and reception. The I2C module also has
an arbitration detect function and clock synchronisation to prevent situations where more than one
master attempts to transmit data to the I2C bus at the same time.
Serial Peripheral Interface – SPI
▀ Supports both master and slave mode
▀ Frequency of up to 36 MHz for master mode and 24MHz for slave mode
▀ FIFO Depth: 8 levels
▀ Multi-master and multi-slave operation
The Serial Peripheral Interface, SPI, provides an SPI protocol data transmit and receive function
in both master and slave mode. The SPI interface uses 4 pins, which are the serial data input and
output lines MISO and MOSI, the clock line, SCK, and the slave select line, SEL. One SPI device
acts as a master device which controls the data flow using the SEL and SCK signals to indicate the
start of data communication and the data sampling rate. To receive a data byte, the streamed data
bits are latched on a specific clock edge and stored in the data register or in the RX FIFO. Data
transmission is carried out in a similar way but in a reverse sequence. The mode fault detection
provides a capability for multi-master applications.
Universal Synchronous Asynchronous Receiver Transmitter – USART
▀ Supports both asynchronous and clocked synchronous serial communication modes
▀ Asynchronous operating baud rate up to 4.5 MHz and synchronous operating rate up to 9 MHz
▀ Full duplex communication
▀ Fully programmable serial communication characteristics including:
● Word length: 7, 8, or 9-bit character
● Parity: Even, odd, or no-parity bit generation and detection
● Stop bit: 1 or 2 stop bit generation
● Bit order: LSB-first or MSB-first transfer
▀ Error detection: Parity, overrun, and frame error
▀ Auto hardware flow control mode - RTS, CTS
▀ IrDA SIR encoder and decoder
▀ RS485 mode with output enable control
▀ FIFO Depth: 16 x 9 bits for both receiver and transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com