Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1655 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT32F1655
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1655 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT32F1655 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Rev. 1.00
37 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
SAR ADC
CI
sample
RI
RS
VS
Figure 7. ADC Sampling Network Model
The worst case occurs when the extremities of the input range (0V and VREF) are sampled
consecutively. In this situation a sampling error below ¼ LSB is ensured by using the following
equation:
I
N
I
ADC
S
R
C
f
R
−
<
+ )
2
ln(
5
.
1
2
where fADC is the ADC clock frequency and N is the ADC resolution (N = 12 in this case). A safe
margin should be considered due to the pin/pad parasitic capacitances, which are not accounted for
in this simple model.
If, in a system where the A/D Converter is used, there are no rail-to-rail input voltage variations
between consecutive sampling phases, Rs may be larger than the value indicated by the equation
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com