Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1655 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT32F1655
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1655 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT32F1655 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1655 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Rev. 1.00
17 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
3 Overview
Device Information
Table 1. HT32F1656/1655 Series Features and Peripheral List
Peripherals
HT32F1656
HT32F1655
Main F�ash (KB)
�55
1�8
Option B�tes F�ash
1
1
SRAM (KB)
3�
3�
MCTM
�
GPTM
�
BFTM
�
RTC
1
WDT
1
USB
1
SPI
�
USART
�
UART
�
I�C
�
I�S
1
SCI
1
EBI
1
CRC-16/3�
1
EXTI
16
1�-bit ADC
N�mber of channe�s
1
16 Channe�s
OPA/Comparator
�
GPIO
Up to 80
CPU freq�enc�
Up to 7� MHz
Operating vo�tage
�.7V ~ 3.6V
Operating temperat�re
-�0
℃ ~ +85℃
Packages
�8/6�/100-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com