Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0060 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F0060
Description  RGB Dimming LED Flash MCU
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0060 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F0060 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
Rev. 1.00
56
July 19, 2017
Rev. 1.00
57
July 19, 2017
HT45F0060
RGB Dimming LED Flash MCU
HT45F0060
RGB Dimming LED Flash MCU
Bit5
CASRXEN:CascadingtransceiverRXfunctionenablecontrol
0:Disable
1:Enable
ThisbitisusedtocontrolthecascadingtransceiverRXfunction.Whenthisbit
issetto1,thecascadingtransceiverRXfunctionwillbeenabled.Thisbitwill
automaticallybeclearedto0whentheRXshiftregisterfullflag,FULL24,isset
high.Thenitwillautomaticallybesetto1againwhenthecascadingtransceiverreset
flag,CASRES,issethigh.Whenthisbitissetto0,thecascadingtransceiverRX
functionwillbedisabled.However,thecascadingtransceiverresetsignalcanstillbe
decodedandrecognizedastheRXfunctionisdisabled.NotethatthePASSENbit
willautomaticallybeclearedto0byhardwarewhentheCASRXENbitissetto1by
hardwareandviceversa.
Bit4
D4:Reservedbit,shouldbefixedat"0".
Bit3
TRGTX:CascadingtransceiverTXoutputbuffertriggercontrol
0:Noactionordataistransmittedcompletely
1:TXbufferoutputistriggeredanddataistransmittingcontinuously
Thisbitcanonlybewrittenintowithavalueof"1"whentheCASENbitishigh.The
TRGTXbitwillbeclearedto0byhardwarewhentheTXshiftregisteremptyflag,
EMPTY24,issethigh.Itwillalsobeclearedto0whentheCASENbitissetlow.
NotethattheEMPTY24bitwillbeclearedto0byhardwarewhentheTRGTXbitis
sethighbysoftwareregardlessofthetransceiveroperationmodes.SettingtheTRGTX
bitintheRXmodewillhavenooperation.
Bit2
PASSEN:CascadingtransceiverinputsignalbypassRXcircuitenablecontrol
0:Disable–NotbypasstheRXcircuit
1:Enable–BypasstheRXcircuit
Thisbitcontrolsthecascadingtransceiverinputsignalbypassfunction.Itwill
automaticallybesetandclearedbyhardware.WhentheCASRXENbitissetto1
byhardwaretoenablethecascadingtransceiverRXfunction,thePASSENbitwill
automaticallybesetto0byhardwareandthecascadingtransceiverinputsignalwill
bedecodedbytheRXcircuit.WhentheCASRXENbitisclearedto0byhardware
todisablethecascadingtransceiverRXfunction,thePASSENbitwillautomatically
besetto1byhardware.Atthesametimethecascadingtransceiverinputsignalwill
bypasstheRXcircuitanddirectlybeconnectedtotheCASDOline.
Bit1
CASMOD:CascadingtransceiverTXorRXmodeselection
0:RXmode
1:TXmode
ThisbitcanonlybemodifiedwhentheCASENbitissetlow.Thecascading
transceiveroperatingmodeshouldfirstbeselectedfollowedbysettingtheCASENbit
high.
Bit0
CASEN:Cascadingtransceiverenablecontrol
0:Disable
1:Enable
Thisbitisusedtoenableordisablethecascadingtransceiverfunction.Whenitis
clearedto0todisablethecascadingtransceiverfunction,onlytheinternalcontrol
circuitandcorrespondingread-onlyflagsintheINTCONregistertogetherwiththe
TRGTXbitwillbereset.Otherregisterscontentswillbekeptunchanged.Notethatin
theRXmodethecontentsoftheCASD0~CASD2registerswillbeunknownwhenthe
CASENbitissetlow.WhentheCASENbitissetlow,theCASDIinputpathwillbe
switchedoffandtheCASDOoutputwillbefloating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com