Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0060 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT45F0060
Description  RGB Dimming LED Flash MCU
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0060 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT45F0060 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
Rev. 1.00
66
July 19, 2017
Rev. 1.00
67
July 19, 2017
HT45F0060
RGB Dimming LED Flash MCU
HT45F0060
RGB Dimming LED Flash MCU
EMPTY24
TRGTX
CASDO
fCAS1
PCNT_CNT
98
76
D1CNT_CNT
10
4
3
5
15 14 13 12
16
10
11
9
21
0
4
5
2
0
1
3
16
D23
8
6
7
10
Data = 1 in TX Mode (n=23, D1CNT= 10)
Note:TheTRGTXbitwillbeclearedto0byhardwarewhentheTXshiftregisteremptyflag,
EMPTY24,issethigh
Constant Current LED Driver
ThereisanaccurateconstantcurrentdriverwhichisspecificallydesignedforLEDdisplay
applications.Thedeviceprovidesn-channelstableandconstantcurrentoutputsfordrivingLEDs.
Theoutputconstantcurrentisdeterminedbythecurrentgainselectionbits,CCG[1:0]andRGBn
PWMinput.Thecurrentvariationbetweenchannelsislessthan±3%whilethecurrentvariation
betweendifferentdevicesislessthan±6%.Thecharacteristiccurveinthesaturationregionisflat.
TheoutputcurrentremainsconstantregardlessoftheLEDforwardvoltagevalue.
Theconstantcurrentcanbecalculatedusingthefollowingformula:
ICCOn=5mA×Gain
IftheCCENbitissethighandtheRGBnsignalisinalogiclowlevel,theCCOnisdrivenbya
constantcurrent.OtherwisetheCCOnisinafloatingstatus.
Regulator
and DAC
CCOn
Module 0
Module n
IOUT
RGBn
CCEN
VSSn/3
VDD
CCG[1:0]
Note:1.n=0~2
2.ModulenstandsforModule0~Module2
3.VSSn/3standsforevery3CCOoutputssharingoneVSS.
4.RGBnissourcedfromtheCompactTypeTMoutputCTPn.
Constant Current LED Driver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com