Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0060 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F0060
Description  RGB Dimming LED Flash MCU
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0060 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F0060 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F0060 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
Rev. 1.00
76
July 19, 2017
Rev. 1.00
77
July 19, 2017
HT45F0060
RGB Dimming LED Flash MCU
HT45F0060
RGB Dimming LED Flash MCU
Application Circuits
104
2.2V~5.5V
VSS
VDD
Timer Module
Timer Module
Timer Module
PA5/CCO0
PA6/CCO1
PA7/CCO2
GPIO
HT8 MCU Core
Constant
Current
PA0/ICPDA
2.2V~5.5V
Cascading
Transceiver
PA3/CASDI
PA4/CASDO
PA2/ICPCK/CASDI
PA1/CASDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com