Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F77 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 203 page
background image
Rev. 1.20
12
De�e��e� 1�� 201�
Rev. 1.20
13
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Pin Name
Function
OPT
I/T
O/T Descriptions
PE�/SEG20
PE�
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG20
LCD3
—
CMOS LCD Seg�ent output
PE5/SEG21
PE5
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG21
LCD3
—
CMOS LCD Seg�ent output
PE�/SEG22
PE�
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG22
LCD3
—
CMOS LCD Seg�ent output
PE7/SEG23
PE7
PEPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG23
LCD3
—
CMOS LCD Seg�ent output
SEG2�~SEG35
SEGn
—
—
CMOS LCD Seg�ent output
COM0~COM3
COMn
—
—
CMOS LCD Co��on output
V1
V1
—
—
—
LCD voltage pu�p
V2
V2
—
—
—
LCD voltage pu�p
C1
C1
—
—
—
LCD voltage pu�p
C2
C2
—
—
—
LCD voltage pu�p
VMAX
VMAX
—
PWR
—
LCD Powe� Sele�tion
PLCD
PLCD
—
PWR
—
LCD Powe�
SIN
SIN
—
—
AO
Sine Wave Output
FVL
FVL
—
AI
AO
Left Foot Channel 1
FIL
FIL
—
AI
AO
Left Foot Channel 2
RF1
RF1
—
AI
AO
Refe�en�e 1 I�pedan�e Channel
RF2
RF2
—
AI
AO
Refe�en�e 2 I�pedan�e Channel
FIR
FIR
—
AI
AO
Right Foot Channel 2
FVR
FVR
—
AI
AO
Right Foot Channel 1
TO
TO
—
—
AO
OPA Output
CP0N
CP0N
—
AI
—
Peak Dete�to� Input
RFC
RFC
—
AI
—
ADC Analog Input
VIN
VIN
—
PWR
—
LDO Input
AVDD(VOUT)
AVDD
(VOUT)
—
PWR
—
Analog Powe� Supply (LDO Output)
AVSS
AVSS
—
PWR
—
Analog G�ound
VCM
VCM
—
—
PWR ADC Inte�nal Co��on Mode Voltage Output
VERFP
VERFP
—
PWR
—
ADC Positive Refe�en�e Input (Exte�nal)
VERFN
VERFN
—
PWR
—
ADC Negative Refe�en�e Input (Exte�nal)
AN0~AN3
ANn
—
AI
—
ADC Input Channel 0~3
VDD
VDD
—
PWR
—
Digital Powe� supply
VSS
VSS
—
PWR
—
Digital G�ound
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
AI:Analoginput
AO:Analogoutput
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com