Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F77 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 203 page
background image
Rev. 1.20
18
De�e��e� 1�� 201�
Rev. 1.20
19
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Operational Amplifier Electrical Characteristics (Body Fat Circuit)
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Supply Voltage
─
─
2.2
─
5.5
V
I��
Supply Current Per Signal Amplifier
5V Io = 0A
150
3�0
500
μA
OP0, OP2
SR
Slew Rate at Unity Gain
3V RL = 100kΩ, CL = 100pF
7.5
─
─
V/µs
GBW
Gain Bandwidth P�odu�t
3V RL = 100kΩ, CL = 100pF
─
─
2
MHz
OP1
SR
Slew Rate at Unity Gain
3V RL = 100kΩ, CL = 100pF
7.5
─
─
V/µs
GBW
Gain Bandwidth P�odu�t
3V RL = 100kΩ, CL = 100pF
─
─
5
MHz
LCD D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ILCDOL
LCD �o��on and seg�ent Sink
Cu��ent
3V
VOL=0.1VDD
210
�20
─
μA
5V
350
700
─
μA
ILCDOH
LCD �o��on and seg�ent
Sou��e Cu��ent
3V
VOH=0.9VDD
-80
-1�0
─
μA
5V
-180
-3�0
─
μA
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
�V
RRVDD
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.035
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to
Ensu�e Powe�-on Reset
—
—
1
—
—
�s
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com