Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F77 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 203 page
background image
Rev. 1.20
3�
De�e��e� 1�� 201�
Rev. 1.20
35
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue"00H".
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3C H
3D H
3E H
3F H
40 H
41 H
42 H
43 H
44 H
45 H
46 H
47 H
48 H
49 H
4A H
4B H
4C H
4D H
4E H
4F H
50 H
51 H
52 H
53 H
54 H
55 H
56 H
57 H
58 H
59 H
5A H
5B H
5C H
5D H
5E H
5F H
60 H
61 H
62 H
63 H
64 H
65 H
66 H
67 H
68 H
69 H
6A H
6B H
6C H
6D H
6E H
6F H
70 H
71 H
72 H
73 H
74 H
75 H
76 H
77 H
78 H
79 H
7A H
7B H
7C H
7D H
7E H
7F H
Se ct or 0 , 2, 3
Se ct or 1
Un us ed
E EC
EE A
EE D
PT M2 C0
PT M2 C1
PT M2 DL
PT M2 DH
PT M2 AL
PT M2 AH
CT RL 0
PT M1 RP L
PT M1 RP H
PT M2 RP L
PT M2 RP H
Un us ed
Un us ed
PW RC
PG AC 0
PG AC 1
PG AC S
US R
UCR1
UCR2
BR G
TX RR XR
IR CT RL 0
IR CT RL 1
L CDC
LC D1
LC D2
LC D3
Un us ed
S IM C0
S IM C1
S IM A/ S IM C2
S IM D
Un us ed
S IM TO C
FA RL
FA RH
FD 0L
FD 0H
FD 1L
FD 1H
FD 2L
FD 2H
FD 3L
FD 3H
S GC
S GN
S GD NR
O PAC
S WC
DA CO
FT RC
S MO D
LV DC
IN TE G
WD TC
TB C
Un us ed
Un us ed
Un us ed
Un us ed
IA R0
MP 0
IA R1
MP 1L
MP 1H
AC C
PC L
TB LP
TB LH
TB HP
S TA TU S
Un us ed
IA R2
MP 2L
MP 2H
Un us ed
IN TC 0
IN TC 1
IN TC 2
Un us ed
MF I0
MF I1
MF I2
MF I3
PA WU
PAPU
PA
PA C
PBPU
PB
PB C
PC PU
PC
PC C
PD PU
PD
PD C
PEPU
PE
PE C
Un us ed
FC 0
Un us ed
FC 1
Un us ed
FC 2
LV RC
CT RL
Un us ed
AD RL
AD RH
AD CR0
AD CR1
AD CS
A DRM
PT M1 C0
PT M1 C1
PT M1 DL
PT M1 DH
PT M1 AL
PT M1 AH
TM 0C 0
TM 0C 1
TM 0D L
TM 0D H
TM 0A L
TM 0A H
: Un us ed , r ead as " 00 "
Se ct or 0 , 2, 3
Se ct or 1
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com