Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F77 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 203 page
background image
Rev. 1.20
1�
De�e��e� 1�� 201�
Rev. 1.20
17
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fSYS1
Syste� Clo�k (HXT)
2.2~5.5V
─
0.�
─
8
MHz
2.7~5.5V
0.�
─
10
MHz
3.3~5.5V
0.�
─
12
MHz
�.5~5.5V
0.�
─
1�
MHz
fSYS2
Syste� Clo�k (HIRC)
5V
Ta=25°C
-2%
�.8×2
+2% MHz
fSYS3
Syste� Clo�k (LXT)
─
─
─
327�8
─
Hz
fLIRC
Syste� Clo�k (LIRC)
5V
Ta=25°C
-10%
32
+10% kHz
2.2V~5.5V Ta=-�0°C~85°C
-50%
32
+�0% kHz
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT)
─
fSYS=HXT o� LXT
─
102�
─
tSYS
fSYS=HIRC
─
1�
─
fSYS=LIRC
─
1~2
─
tRSTD
Syste� Reset Delay Ti�e
(Powe� On Reset)
─
─
25
50
100
�s
Syste� Reset Delay Ti�e
(Any Reset ex�ept Powe� On Reset)
─
─
8.3
1�.7
33.3
�s
tINT
Inte��upt Pulse Width
─
─
10
─
─
μs
tLVR
Low Voltage Width to Reset
─
─
120
2�0
�80
μs
tLVD
Low Voltage Width to Inte��upt
─
─
�0
120
2�0
μs
tLVDS
LVDO Sta�le Ti�e
─
Fo� LVR ena�le�
LVD off → on
─
─
15
μs
─
Fo� LVR disa�le�
LVD off → on
─
─
150
μs
tEERD
EEPROM Read Ti�e
─
─
─
─
�
tSYS
tEEWR
EEPROM W�ite Ti�e
─
─
1
2
�
�s
tTIMER
TCKn and Ti�e� Captu�e Input Pulse
Width
─
─
0.3
─
─
μs
Note:tSYS=1/fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com