Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2240 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 90Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 91Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 147 page
background image
Rev. 1.10
91 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Time Base Interrupts
The function of the Time Base Interrupt is to provide a regular time signal in the form of an
internal interrupt. It is basically a simple timer whose interrupt is generated when it overflows.
When this happen its respective interrupt request flag, TBF will be set. To allow the program to
branch to its respective interrupt vector address, the global interrupt enable bit, EAL and Time
Base enable bit, ETB, must first be set. When the interrupt is enabled, the stack is not full and the
Time Base overflows, a subroutine call to its respective vector locations will take place. When the
interrupt is serviced, the respective interrupt request flag, TBF, will be automatically reset but the
EAL bit must be cleared by the application program to disable other interrupts.
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their
clock sources originate from the internal clock source fTBC. This fTBC input clock passes through a
divider, the division ratio of which is selected by programming the appropriate bits in the TBCR
register to obtain longer interrupt periods. The clock source that generates fTBC, which in turn
controls the Time Base interrupt period, can originate from the system clock or the LIRC oscillator.
Time Base Interr�pt
fTBC
÷�8~�1�
fSYS/4
TBCK[1:0]
TBS[�:0]
f��K
fSYS/1�8
M
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com