Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2240 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 30Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 147 page
background image
Rev. 1.10
�7 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
17 Flash Program Memory
The Program Memory is the location where the user code or program is stored. For these devices
the Program Memory is Flash type, which means it can be programmed and re-programmed
a large number of times, allowing the user the convenience of code modification on the same
device. By using the appropriate programming tools, these Flash devices offer users the flexibility
to conveniently debug and develop their applications while also offering a means of field
programming and updating.
Structure
The Program Memory has a capacity from 2K×8 to 4K×8. The Program Memory is addressed by
the Program Counter and also contains data, table information and interrupt entries. Table data,
which can be setup in any location within the Program Memory, is addressed by a separate table
pointer register.
Special Vectors
Within the Program Memory, certain locations are reserved for the reset and interrupts. The
location 0000H is reserved for use by the device reset for program initialisation. After a device
reset is initiated, the program will jump to this location and begin execution.
000H
00�H
08BH
Reset
Interr�pt
Vector
8 bits
HT8�F���0
7FFH
FFFH
Reset
Interr�pt
Vector
8 bits
HT8�F��40
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com