Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2262 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 50Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 51Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 52Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 53Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 54Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 55Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 187 page
background image
Rev. 1.10
�� of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
ACC Register – Accumulator
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results
from the ALU are stored. Without the Accumulator it would be necessary to write the result of
each calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads. Data transfer operations usually involve
the temporary storage function of the Accumulator; for example, when transferring data between
one user-defined register and another, it is necessary to do this by passing the data through the
Accumulator as no direct transfer between two registers is permitted.
B Register
The B register is used as a general purpose register for these devices. It is used during multiplying
and division instructions.
SP Register – Stack Pointer
The Stack Pointer register is 8 bits wide. It denotes the top of the Stack, which is the last used
value. The user can place the Stack anywhere in the internal scratchpad Data Memory by setting
the Stack Pointer to the desired location, although the lower bytes are normally used for working
registers. After a reset, the Stack Pointer is initialised to 07H. This causes the stack to begin at
location 08H. It is used to store the return address of the main program before executing interrupt
routines or subprograms. The SP is incremented before executing a PUSH or CALL instruction and
it is decremented after executing a POP, RET or RETI instruction.
DPL, DPH, DPL1, DPH1 Registers – Data Pointer Registers
The Data Pointer (DPTR) registers, DPL, DPH, DPL1 and DPH1, although having their locations
in normal Data Memory register space, do not actually physically exist as normal registers.
Indirect addressing instructions for Data Memory data manipulation use these Indirect Addressing
Registers and Memory Pointers, in contrast to direct memory addressing, where the actual memory
address is specified. Actions on the DPTR registers will result in no actual read or write operation
to these registers but rather to the memory location specified by their corresponding Memory
Pointer for the MOVX, MOVC or JMP instructions. The DPTR registers can be operated as two
16-bit registers or four individual 8-bit registers. There are two sets of 16-bit Data Pointer register,
DPTR1 and DPTR. The DPTR register is composed of DPL and DPH, while the DPTR1 register is
composed of DPL1 and DPH1. They are generally used to access external code or data space using
instructions such as “MOVC A,@A+DPTR” or “MOVX A,@DPTR” respectively. The selection
of DPTR or DPTR1 is controlled by the DPS0 bit. Setting the DPS0 bit high will select the DPTR1
register, otherwise the DPTR register is selected.
DPH
DPL
DPH1
DPL1
DPTR
DPTR1
0
1
DPS0
Data Memor�
DPTRn Registers Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com