Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2262 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 90Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 187 page
background image
Rev. 1.10
87 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Interrupt Register Contents
Register
Name
Bit
7
6
5
4
3
2
1
0
IEN0
EAL
(WDT)
ET�
ES0
ET1
EX1
ET0
EX0
IEN1
EXEN�
(SWDT)
—
ECMP
ECCU�
ECCU�
ECCU1
ECCU0
IEN�
—
—
—
—
—
—
ELVD
—
IEN�
—
—
—
—
ETB
EADC
EI�C
—
IRCON
EXF�
TF�
CCU�F
CCU�F
CCU1F
CCU0F
—
—
IRCON�
—
—
—
—
LVDF
TBF
CMPF
IADC
S0CON
(SM0)
(SM1)
(SM�0)
(REN0)
(TB80)
(RB80)
TI0
RI0
TCON
TF1
(TR1)
TF0
(TR0)
IE1
IT1
IE0
IT0
T�CON
—
I�FR
—
(T�R1)
(T�R0)
(T�CM)
(T�I1)
(T�I0)
CPICR
—
—
—
—
CP0IF
CP0IEN
CP0P1
CP0P0
I�CCON
—
(ENSI)
(STA)
(STO)
SI
(AA)
—
—
Note: The bits in brackets are �sed to manage other f�nctions and not re�ated to the interr�pt contro�.
IEN0 Register
SFR Address: A8h
Bit
7
6
5
4
3
2
1
0
Name
EAL
WDT
ET�
ES0
ET1
EX1
ET0
EX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
EAL: Master interrupt global enable
0: Disable
1: Enable
Bit 6
WDT: Watchdog timer refresh flag
Described elsewhere
Bit 5
ET2: Timer 2 interrupt enable
0: Disable
1: Enable
Bit 4
ES0: UART0 interrupt enable
0: Disable
1: Enable
Bit 3
ET1: Timer 1 interrupt enable
0: Disable
1: Enable
Bit 2
EX1: External interrupt 1 enable
0: Disable
1: Enable
Bit 1
ET0: Timer 0 interrupt enable
0: Disable
1: Enable
Bit 0
EX0: External interrupt 0 enable
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com