Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2262 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 58Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 187 page
background image
Rev. 1.10
6� of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Low Speed Oscillator Control Register – LSOCR
SFR Address: EEh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
LIRCRDY
—
—
LIRCEN
—
R/W
—
—
—
R
—
—
R/W
—
POR
—
—
—
1
—
—
0
—
Bit 7~5
Unimplemented, read as “0”
Bit 4
LIRCRDY: LIRC oscillator ready indication flag
0: Not ready
1: Ready
This is the internal low frequency oscillator, LIRC, ready indication bit which indicates
if the LIRC oscillator is stable or not. This bit will be automatically cleared to zero by
hardware when the LIRC is disabled.
Bit 3~2
Unimplemented, read as “0”
Bit 1
LIRCEN: LIRC oscillator select bit
0: Enable
1: Disable
Bit 0
Unimplemented, read as “0”
Operation Modes
There are three different modes of operation for the microcontroller, each one with its own
special characteristics and which can be chosen according to the specific performance and
power requirements of the application. There is one mode allowing normal operation of the
microcontroller, the NORMAL Mode, in which all oscillators and function remain active. There
are also two low power modes, the IDLE mode and the Power-Down Mode. In the IDLE mode,
the microcontroller CPU will stop and instruction execution will cease, however, the high speed
oscillators will continue to run and can continue to provide a clock source for the peripheral
functions such as WDT, Time Base, Timers, UART, I2C and ADC. The slow speed oscillator will
also continue to run and keep the WDT and Time Base functions active, if its clock source is not
the system clock. In the Power-Down mode all oscillators are stopped and therefore all functions
cease operation.
Operating Mode
NORMAL Mode
IDLE Mode
Power-Down Mode
CPU C�ock
On
Off
Off
Periphera� C�ock(Note)
On
On
Off
Low Freq�enc� Interna� RC
Osci��ator (LIRC)
On (LIRCEN=0) / Off
On (LIRCEN=0) / Off
Off
High Freq�enc� XTAL
Osci��ator (HXT)
On (HXTEN=1) / Off
On (HXTEN=1) / Off
Off
High Freq�enc� Interna� RC
Osci��ator (HIRC)
On (HIRCEN=1) / Off
On (HIRCEN=1) / Off
Off
Note: Periphera� C�ock is the c�ock for Timer 0� Timer 1� Timer �� PCA� UART� I�C and ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com