Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2262 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 187 page
background image
Rev. 1.10
7� of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
23 Reset and Initialisation
A reset function is a fundamental part of any microcontroller ensuring that the device can be set to
some predetermined condition irrespective of outside parameters. A hardware reset will of course
be automatically implemented after the device is powered-on, however there are a number of other
hardware and software reset sources that can be implemented dynamically when the device is
running.
Reset Overview
The most important reset condition is after power is first applied to the microcontroller. In this
case, internal circuitry will ensure that the microcontroller, after a short delay, will be in a well
defined state and ready to execute the first program instruction. After this power-on reset, certain
important internal registers will be set to defined states before the program instructions commence
execution. One of these registers is the Program Counter, which will be reset to zero forcing the
microcontroller to begin program execution from the lowest Program Memory address.
The devices provide several reset sources to generate the internal reset signal, providing extended
MCU protection. The different types of resets are listed in the accompanying table.
Reset Source Summary
No.
Reset Name
Abbreviation Indication Bit Register
Notes
1
Power-On Reset
POR
PORF
RSTSRC A�to generated at power on
�
Reset Pin
RESET
XRSTF
RSTSRC Hardware Reset
�
Low-Vo�tage Reset
LVR
LVRF
RSTSRC Low VDD vo�tage
4
LVRCR Register Setting
Software Reset
—
LRF
RSTSRC Write to LVRCR register
�
Watchdog Reset
WDT
WDTS
IP0
Watchdog overflow
6
WDTCR Register Setting
Software Reset
—
WRF
RSTSRC Write to WDTCR register
7
Comparator 0 O�tp�t
Reset
—
CMP0F
RSTSRC To enab�e – set CP0RST bit in
the CP0CR register
8
SRST Register Setting
Software Reset
—
SRSTREQ
SRST
Write to SRST register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com