Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNRTB-RLG Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # SNRTB-RLG
Description  SpiceLED RGB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SNRTB-RLG Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  SNRTB-RLG Datasheet HTML 1Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 2Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 3Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 4Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 5Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 6Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 7Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 8Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
12/04/2017 V1.0
4
Bin
A
B
C
D
E
F
G
H
I
J
K
0.257
0.295
0.282
0.305
0.307
0.315
0.332
0.325
0.257
0.270
0.282
0.280
0.307
0.290
0.332
0.300
0.257
0.245
0.282
0.255
0.307
0.265
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.257
0.320
0.282
0.330
0.307
0.340
0.332
0.350
0.257
0.295
0.282
0.305
0.307
0.315
0.332
0.325
0.257
0.270
0.282
0.280
0.307
0.290
0.282
0.330
0.307
0.340
0.332
0.350
0.357
0.360
0.282
0.305
0.307
0.315
0.332
0.325
0.357
0.335
0.282
0.280
0.307
0.290
0.332
0.300
0.282
0.305
0.307
0.315
0.332
0.325
0.357
0.335
0.282
0.280
0.307
0.290
0.332
0.300
0.357
0.310
0.282
0.255
0.307
0.265
0.332
0.275
Color Bin Structure
Color Sturcture Appx. 2.1
Color is measured with the following forward current: Red=17mA; Green=20mA and Blue=13mA.
1
2
3
4
CS0327 & Nichia NSSM124T
Cx
0.257
0.257
0.282
0.282
0.257
Cy
0.295
0.320
0.330
0.305
0.295
Cx
0.282
0.282
0.307
0.307
0.282
Cy
0.305
0.330
0.340
0.315
0.305
Cx
0.307
0.307
0.332
0.332
0.307
Cy
0.315
0.340
0.350
0.325
0.315
Cx
0.332
0.332
0.357
0.357
0.332
Cy
0.325
0.350
0.360
0.335
0.325
E
Cx
0.257
0.257
0.282
0.282
0.257
Cy
0.270
0.295
0.305
0.280
0.270
F
Cx
0.282
0.282
0.307
0.307
0.282
Cy
0.280
0.305
0.315
0.290
0.280
G
Cx
0.307
0.307
0.332
0.332
0.307
A
B
C
D
0.20
0.25
0.30
0.35
0.22
0.27
0.32
0.37
C
F
D
E
N
B
A
G
H
I
J
K
L
M
O
P
G
Cx
0.307
0.307
0.332
0.332
0.307
Cy
0.290
0.315
0.325
0.300
0.290
H
Cx
0.332
0.332
0.357
0.357
0.332
Cy
0.300
0.325
0.335
0.310
0.300
I
Cx
0.257
0.257
0.282
0.282
0.257
Cy
0.245
0.270
0.280
0.255
0.245
J
Cx
0.282
0.282
0.307
0.307
0.282
Cy
0.255
0.280
0.290
0.265
0.255
K
Cx
0.307
0.307
0.332
0.332
0.307
Cy
0.265
0.290
0.300
0.275
0.265
L
Cx
0.332
0.332
0.357
0.357
0.332
Cy
0.275
0.300
0.310
0.285
0.275
Cx
0.257
0.257
0.282
0.282
0.257
Cy
0.220
0.245
0.255
0.230
0.220
Cx
0.282
0.282
0.307
0.307
0.282
Cy
0.230
0.255
0.265
0.240
0.230
Cx
0.307
0.307
0.332
0.332
0.307
Cy
0.240
0.265
0.275
0.250
0.240
Cx
0.332
0.332
0.357
0.357
0.332
Cy
0.250
0.275
0.285
0.260
0.250
O
P
M
N
SpiceLED SNRTB-RLG
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com