Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNRTB-RLG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SNRTB-RLG
Description  SpiceLED RGB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SNRTB-RLG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SNRTB-RLG Datasheet HTML 1Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 2Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 3Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 4Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 5Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 6Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 7Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 8Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
12/04/2017 V1.0
1
Features:
> High brightness surface mount LED.
> Super wide viewing angle of 160°.
> Equivalent to 0603 package outline.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Superior Corrosion Resistance.
> LED chips can be controlled separately to display various colors including white.
DATASHEET
SpiceLED RGB
SNRTB-RLG
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Applications:
> Gaming
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
SpiceLED
Like spice, its diminutive size is a stark contrast to its standout performance
in terms of brightness, durability and reliability. Despite being the smallest in
size yet the SpiceLED™ packs a powerful performance and is a highly reliable
design device. Its versality enables its application in automotive applicances,
key-pad illumination, hand-held devices such as PDAs, notebooks, compact
back-lighting applications, consumer appliances, office equipment, audio and
video equipment.


Similar Part No. - SNRTB-RLG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
Slim PCB Relay
SNR MACOM-SNR Datasheet
176Kb / 3P
Slim PCB Relay SNR
SNR MACOM-SNR Datasheet
242Kb / 3P
Slimline PCB Relay SNR
logo
TE Connectivity Ltd
SNR TEC-SNR Datasheet
319Kb / 2P
Reduced system width for increased packing density on the DIN rail
logo
Japan Automatic Machine...
SNR JAM-SNR Datasheet
653Kb / 7P
2MM W TO B CONNECTOR 5P HOUSING
More results

Similar Description - SNRTB-RLG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
SpiceLED
SSW-LLG-I5 DOMINANT-SSW-LLG-I5_16 Datasheet
1Mb / 17P
SpiceLED
SSW-ULD DOMINANT-SSW-ULD_16 Datasheet
1Mb / 16P
SpiceLED
SSW-ULD-I2 DOMINANT-SSW-ULD-I2_16 Datasheet
1Mb / 15P
SpiceLED
SSX-CLD DOMINANT-SSX-CLD_16 Datasheet
1Mb / 16P
SpiceLED
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
SpiceLED
SSX-HLD DOMINANT-SSX-HLD_16 Datasheet
1Mb / 14P
SpiceLED
SSX-NLD DOMINANT-SSX-NLD_16 Datasheet
1,014Kb / 14P
SpiceLED
SSX-ULD DOMINANT-SSX-ULD_16 Datasheet
1Mb / 13P
SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com