Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNRTB-RLG Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # SNRTB-RLG
Description  SpiceLED RGB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SNRTB-RLG Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button SNRTB-RLG Datasheet HTML 5Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 6Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 7Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 8Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 9Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 10Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 11Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 12Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
12/04/2017 V1.0
9
SpiceLED : SNRTB-RLG Package Outlines
Note: Package is Pb-free.
Materials
Lead Frame
Housing
Materials
Cu Alloy
High Temperature Resistant Epoxy Resin
 
 
9 
 
Spice RGB
0,7
2,1
0,65
0,35
0,1
Pin 1 identification
#1
#2
#3
#4
#5
#6
#1
#2
#3
#4
#5
#6
(1) Pin #1 - Cathode (Red)
(2) Pin #2 - Cathode (T Green)
(3) Pin #3 - Cathode (Blue)
(4) Pin #4 - Anode (Red)
(5) Pin #5 - Anode (T Green)
(6) Pin #6 - Anode Blue
General Tolerance : +/- 0.1mm
 
Material
 
 
Material 
Lead‐frame 
Cu Alloy  
Package 
High Temperature Resistance Epoxy Resin 
 
 
SpiceLED SNRTB-RLG
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com