Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNRTB-RLG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SNRTB-RLG
Description  SpiceLED RGB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SNRTB-RLG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SNRTB-RLG Datasheet HTML 1Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 2Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 3Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 4Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 5Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 6Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 7Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 8Page - DOMINANT Semiconductors SNRTB-RLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
12/04/2017 V1.0
2
Max. (V)
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Red
True Green
Blue
2.30
3.20
3.20
2.50
3.60
3.60
Min. (V)
1.90
2.80
2.80
SpiceLED SNRTB-RLG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Vr @ Ir = 10uA
Min. (V)
12
5
5
160
True Green
525nm
SNRTB-RLG-V2W-1
Red
625nm
900.0
Part Ordering
Number
Color, λdom (nm)
Viewing
Angle˚
Luminous Intensity(1) @ IV (mcd) Appx. 1.1
Chip #1 Chip #2
NOTE:
1. . Luminous intensity is measured with the following forward current: Red=17mA; True Green=20mA and Blue=13mA.
Chip #3
Blue
465nm
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
1800.0
1400.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com