Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB306X Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 14Page - Cypress Semiconductor CYUSB306X Datasheet HTML 15Page - Cypress Semiconductor CYUSB306X Datasheet HTML 16Page - Cypress Semiconductor CYUSB306X Datasheet HTML 17Page - Cypress Semiconductor CYUSB306X Datasheet HTML 18Page - Cypress Semiconductor CYUSB306X Datasheet HTML 19Page - Cypress Semiconductor CYUSB306X Datasheet HTML 20Page - Cypress Semiconductor CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor CYUSB306X Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 18 of 37
IIX
Input leakage current for all pins
except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os with a pull-up or pull-down
resistor connected, the leakage
current increases by VDDQ/RPU or
VDDQ/RPD)
IOZ
Output High-Z leakage current for
all pins except SSTXP/ SSXM/
SSRXP/SSRXM and MIPI CSI-2
signals
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and analog voltage
operating current
–
192
mA Total current through AVDD, VDD
ICC USB
USB voltage supply operating
current
–60
mA
–
ISB1
Total suspend current during
suspend mode with USB 3.0 PHY
enabled
Core: 558.35 µA
–
µA
Core Current is measured through
VDD, AVDD and VDD_MIPI.
I/O Current is measured through
VDDIO1 to VDDIO3.
USB Current is measured through
VUSB, U3TXVDDQ and U3RXVDDQ.
I/O: 4.58 µA
–
µA
USB: 4672 µA
–
µA
ISB3
Total standby current during core
power-down mode
Core: 148.31 µA
–
µA
I/O: 3.16 µA
–
µA
USB: 15.8 µA
–
µA
VRAMP
Voltage ramp rate on core and I/O
supplies
0.2
12
V/ms Voltage ramp must be monotonic
VN
Noise level permitted on VDD and
I/O supplies
–
100
mV Max p-p noise level permitted on all
supplies except AVDD
VN_AVDD
Noise level permitted on AVDD
supply
–20
mV Max p-p noise level permitted on
AVDD
DC Specifications (continued)
Parameter
Description
Min
Max
Units
Notes
MIPI D-PHY Electrical Characteristics
Parameter
Description
Spec
Unit
Min
Nom
Max
MIPI D-PHY RX DC Characteristics
VPIN
Pin signal voltage range
–50
–
1350
mV
VIH
Logic 1 input voltage
880
–
–
mV
VIL
Logic 0 input voltage
–
–
550
mV
VCMRX (DC)
Common-mode voltage HS receiver mode
70
–
330
mV
VIDTH
Differential input high threshold
–
70
mV
VIDTL
Differential input low threshold
–70
–
–
mV
VIHHS
Single-ended input high voltage
–
460
mV
VILHS
Single-ended input low voltage
–40
–
–
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com