Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB306X Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 19Page - Cypress Semiconductor CYUSB306X Datasheet HTML 20Page - Cypress Semiconductor CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor CYUSB306X Datasheet HTML 22Page - Cypress Semiconductor CYUSB306X Datasheet HTML 23Page - Cypress Semiconductor CYUSB306X Datasheet HTML 24Page - Cypress Semiconductor CYUSB306X Datasheet HTML 25Page - Cypress Semiconductor CYUSB306X Datasheet HTML 26Page - Cypress Semiconductor CYUSB306X Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 23 of 37
I2S Timing Diagram
Figure 9. I2S Transmit Cycle
tT
tTR
tTF
tTL
tThd
tTd
tTH
SCK
SA,
WS (output)
Table 12. I2S Timing Parameters[3]
Parameter
Description
Min
Max
Units
tT
I2S transmitter clock cycle
tTR
–
ns
tTL
I2S transmitter cycle LOW period
0.35 tTR
–
ns
tTH
I2S transmitter cycle HIGH period
0.35 tTR
–
ns
tTR
I2S transmitter rise time
–
0.15 tTR
ns
tTF
I2S transmitter fall time
–
0.15 tTR
ns
tThd
I2S transmitter data hold time
0
–
ns
tTd
I2S transmitter delay time
–
0.8 tT
ns
Note tT is selectable through clock gears. Max tTR is designed for 96-kHz codec at 32 bits to be 326 ns (3.072 MHz).
Note
3. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com