Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB306X Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor CYUSB306X Datasheet HTML 22Page - Cypress Semiconductor CYUSB306X Datasheet HTML 23Page - Cypress Semiconductor CYUSB306X Datasheet HTML 24Page - Cypress Semiconductor CYUSB306X Datasheet HTML 25Page - Cypress Semiconductor CYUSB306X Datasheet HTML 26Page - Cypress Semiconductor CYUSB306X Datasheet HTML 27Page - Cypress Semiconductor CYUSB306X Datasheet HTML 28Page - Cypress Semiconductor CYUSB306X Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 25 of 37
Table 13. SPI Timing Parameters[4]
Parameter
Description
Min
Max
Units
fop
Operating frequency
0
33
MHz
tsck
Cycle time
30
–
ns
twsck
Clock HIGH/LOW time
13.5
–
ns
tlead
SSN-SCK lead time
1/2 tsck[5] – 5
1.5 tsck[5] + 5
ns
tlag
Enable lag time
0.5
1.5 tsck[5] + 5
ns
trf
Rise/fall time
–
8
ns
tsdd
Output SSN to valid data delay time
–
5
ns
tdv
Output data valid time
–
5
ns
tdi
Output data invalid
0
–
ns
tssnh
Minimum SSN HIGH time
10
–
ns
tsdi
Data setup time input
8
–
ns
thoi
Data hold time input
0
–
ns
tdis
Disable data output on SSN HIGH
0
–
ns
Notes
4. All parameters guaranteed by design and validated through characterization.
5. Depends on LAG and LEAD setting in the SPI_CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com