Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155NBA/EM Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC14155NBA/EM
Description  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155NBA/EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC14155NBA/EM Datasheet HTML 9Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 10Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 11Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 12Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 13Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 14Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 15Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 16Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
ADC14155QML-SP
www.ti.com
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
Transfer Characteristic (continued)
(1)
MIL-STD-883, Method 5005 - Group A
Table 1. Quality Conformance Inspection(1)
Subgroup
Description
Temp (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com