Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155NBA/EM Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC14155NBA/EM
Description  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155NBA/EM Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC14155NBA/EM Datasheet HTML 20Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 21Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 22Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 23Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 24Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 25Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 26Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 27Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ADC14155
100 pF
x 3
100 pF
D7
D6
D5
D4
D11
D10
D9
D8
D3
D2
D1
(LSB) D0
48
VREF
0.1 PF
x 6
+3.3V from
Regulator
49.9
47
45
42
Flux XFMR: ADT1-1WT or ETC1-1T
Balun XFMR: ADT1-12 or ETC1-1-13
0.1 PF
12.1
12.1
0.1 PF
1
VIN-
VIN+
CLK_SEL/DF
CLK+
CLK_SEL/DF
PD
PD
15 pF
0.1 PF
0.1 PF
10 PF
0.1 PF
D12
(MSB) D13
17
18
19
20
21
22
23
24
27
28
29
30
31
32
0.1 PF
x 3
4
5
7
8
11
VIN
LC4032V-25TN48C
PLD
Output
Word
0.1 PF
34
33
OVR
DRDY
22
0.1 PF
10 PF
10 PF
24.9
24.9
100 pF
x 6
+3.3V from
Regulator
+1.8V from
Regulator
24.9
0.1 PF
1
CLK-
12
0.1 PF
CLKIN
NC7WV125K8X
High Speed Buffer
100 pF
x 4
0.1 PF
x 4
+1.8V from
Regulator
100 pF
x 2
0.1 PF
x 2
+3.3V from
Regulator
1k
VA
1k
0.1 PF
44
46
43
VRN
VRM
V RP
V RP
VRN
VRM
24
ADC14155QML-SP
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed in the Electrical Characteristics tables. Radiation testing is performed per MIL-
STD-883, Test Method 1019.
8.2 Typical Application
Figure 23. Application Circuit Using Transformer Drive Circuit
8.2.1 Design Requirements
We recommend that the following conditions be observed for operation of the ADC14155:
3 V
≤ VA ≤ 3.6 V
VD = VA
VDR = 1.8 V
5 MHz
≤ fCLK ≤ 155 MHz
1-V internal reference
0.9 V
≤ VREF ≤ 1.1 V (for an external reference)
VCM = 1.5 V (from VRM)
8.2.2 Detailed Design Procedure
Digital outputs consist of the 1.8 V CMOS signals D0-D13, DRDY and OVR.
The ADC14155 has 16 CMOS compatible data output pins: 14 data output bits corresponding to the converted
input value, a data ready (DRDY) signal that should be used to capture the output data and an over-range
indicator (OVR) which is set high when the sample amplitude exceeds the 14-bit conversion range. Valid data is
present at these outputs while the PD pin is low.
Data should be captured and latched with the rising edge of the DRDY signal. Depending on the setup and hold
time requirements of the receiving circuit (ASIC), either the rising edge or the falling edge of the DRDY signal
can be used to latch the data. Generally, rising-edge capture would maximize setup time with minimal hold time;
while falling-edge-capture would maximize hold time with minimal setup time. However, actual timing for the
falling-edge case depends greatly on the CLK frequency and both cases also depend on the delays inside the
ASIC. Refer to the ADC14155 Converter Electrical Characteristics (Continued) Timing and AC Characteristics(1)
table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com