Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155NBA/EM Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC14155NBA/EM
Description  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155NBA/EM Datasheet(HTML) 4 Page - Texas Instruments

  ADC14155NBA/EM Datasheet HTML 1Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 2Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 3Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 4Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 5Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 6Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 7Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 8Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
AGND
VA
AGND
VA
IDC
V
REF
AGND
V
A
V
A
V
A
V
RM
V
RN
V
RP
V
A
AGND
4
ADC14155QML-SP
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
Pin Descriptions And Equivalent Circuits
PIN NO.
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
ANALOG I/O
4
VIN−
Differential analog input pins. The differential full-scale input signal
level is two times the reference voltage with each input pin signal
centered on a common mode voltage, VCM.
5
VIN+
42, 43
VRP
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1-µF capacitor placed very close to
the pin to minimize stray inductance. A 0.1-µF capacitor should be
placed between VRP and VRN as close to the pins as possible, and a
10-µF capacitor should be placed in parallel.
VRP and VRN should not be loaded. VRM may be loaded to 1mA for
use as a temperature stable 1.5-V reference.
It is recommended to use VRM to provide the common mode voltage,
VCM, for the differential analog inputs, VIN+ and VIN−.
46, 47
VRM
44, 45
VRN
48
VREF
This pin can be used as either the 1-V internal reference voltage
output (internal reference operation) or as the external reference
voltage input (external reference operation).
To use the internal reference, VREF should be decoupled to AGND
with a 0.1-µF, low equivalent series inductance (ESL) capacitor. In
this mode, VREF defaults as the output for the internal 1.0-V
reference.
To use an external reference, overdrive this pin with a low noise
external reference voltage. The output impedance of the internal
reference at this pin is 9k
Ω. Therefore, to overdrive this pin, the
impedance of the external reference source should be << 9 k
Ω.
This pin should not be used to source or sink current.
The full scale differential input voltage range is 2 * VREF.
DIGITAL I/O
11
CLK+
The clock input pins can be configured to accept either a single-
ended or a differential clock input signal.
When the single-ended clock mode is selected through CLK_SEL/DF
(pin 8), connect the clock input signal to the CLK+ pin and connect
the CLK
− pin to AGND.
When the differential clock mode is selected through CLK_SEL/DF
(pin 8), connect the positive and negative clock inputs to the CLK+
and CLK
− pins, respectively.
The analog input is sampled on the falling edge of the clock input.
12
CLK
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com