Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155NBA/EM Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC14155NBA/EM
Description  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155NBA/EM Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC14155NBA/EM Datasheet HTML 10Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 11Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 12Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 13Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 14Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 15Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 16Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 17Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
V
A
AGND
To Internal Circuitry
I/O
14
ADC14155QML-SP
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 5. However, errors in the A/D conversion can occur if the input goes above 2.6 V or below GND as described
in the Recommended Operating Conditions section.
(2)
To ensure accuracy, it is required that |VA – VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = 1 V (2-VP-P differential input), the 14-bit LSB is 122.1 µV.
6.11 Typical Performance Characteristics, DNL, INL
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0 V, VA = VD = 3.3 V, VDR = 1.8 V,
Internal VREF = 1 V, fCLK = 155 MHz, VCM = VRM, CL = 5 pF/pin, Differential Analog Input, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C.
(1) (2) (3)
Figure 3. DNL
Figure 4. INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com