Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BA Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 112Page - Cypress Semiconductor MB91F467BA Datasheet HTML 113Page - Cypress Semiconductor MB91F467BA Datasheet HTML 114Page - Cypress Semiconductor MB91F467BA Datasheet HTML 115Page - Cypress Semiconductor MB91F467BA Datasheet HTML 116Page - Cypress Semiconductor MB91F467BA Datasheet HTML 117Page - Cypress Semiconductor MB91F467BA Datasheet HTML 118Page - Cypress Semiconductor MB91F467BA Datasheet HTML 119Page - Cypress Semiconductor MB91F467BA Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 115 of 126
15.7.5 Free-Run Timer Clock
(VDD5  3.0 V to 5.5 V, VSS5  AVSS5  0 V, TA  40 C to  125 C)
Note: tCLKP is the cycle time of the peripheral clock.
15.7.6 Trigger Input Timing
(VDD5  3.0 V to 5.5 V, VSS5  AVSS5  0 V, TA  40 C to  125 C)
Note: tCLKP is the cycle time of the peripheral clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input pulse width
tTIWH
tTIWL
CKn
4tCLKP
ns
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Input capture input trigger
tINP
ICUn
5tCLKP
ns
A/D converter trigger
tATGX
ATGX
5tCLKP
ns
tTIWH
tTIWL
CKn
VIH
VIH
VIL
VIL
ICUn,
ATGX
tATGX, tINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com