Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BA Datasheet(PDF) 121 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 121 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 117Page - Cypress Semiconductor MB91F467BA Datasheet HTML 118Page - Cypress Semiconductor MB91F467BA Datasheet HTML 119Page - Cypress Semiconductor MB91F467BA Datasheet HTML 120Page - Cypress Semiconductor MB91F467BA Datasheet HTML 121Page - Cypress Semiconductor MB91F467BA Datasheet HTML 122Page - Cypress Semiconductor MB91F467BA Datasheet HTML 123Page - Cypress Semiconductor MB91F467BA Datasheet HTML 124Page - Cypress Semiconductor MB91F467BA Datasheet HTML 125Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 120 of 126
15.7.7.4
Asynchronous Write Access
(VDD35 3.0 V to 5.5 V, Vss5 AVss5 0 V, TA 40 C to  125 C)
Parameter
Symbol
Pin name
Value
Unit
Min
Max
WRXn ↓ to WRXn ↑ pulse width
TWRLWRH
WRXn
tCLKT
-ns
Data valid to WRXn ↓ setup time
TDSWRL
WRXn
D31 to D16
1/2 × tCLKT - 10
-
ns
WRXn ↑ to Data valid hold time
TWRHDH
WRXn
D31 to D16
1/2 × tCLKT - 19
-
ns
WRXn to CSXn delay time
TCLWRL
WRXn
CSXn
-
1/2 × tCLKT
ns
TWRHCH
1/2 × tCLKT
-ns
CSXn
WRXn
DATA OUT
TWRHDH
TWRHCH
TCLWRL
TWRLWRH
TDSWRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com