Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5812-DS01-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # 5812-DS01-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS01-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button 5812-DS01-R Datasheet HTML 24Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 25Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 20
Cryptographic Operations
Document
5812-DS01-405-R
Figure 19: ARCFOUR Command Context
Figure 20 shows how the input packet fragment list is used. Figure 21 on page 22 shows the corresponding output packet
fragment list usage.
If indicated by the command context flags, the ARCFOUR state at the end of this keystream generation or encipherment
operation is written to a fixed-size, 260-byte buffer starting at the output fragment address in the last output fragment chain
entry. This can be input directly in the command context of a subsequent ARCFOUR operation to continue the keystream.
Table 6: ARCFOUR Command Context Flags
Bits
Definition
15:13
Reserved
12
Null Data:
• 0 = Normal data encipherment
• 1 = No input data, just output raw keystream
11
Writeback:
• 0 = Don’t write back state, used for last encipherment operation in a keystream.
• 1 = Write back internal state after encipherment.
10
State/Key:
• 0 = Context contains continuation ARCFOUR state for keystream
• 1 = Context contains ARCFOUR key input, perform ARCFOUR state initialization first.
9:0
Reserved
0
LENGTH
31
OPCODE
ARCFOURSTATE
RESERVED
RESERVED
FLAGS
256Bytes
1312 11109
Reserved
0
flags
15
Reserved
Index i
Reserved
Index j
BYTE2
BYTE 3
BYTE0
BYTE 1
BYTE6
BYTE 7
BYTE4
BYTE 5
BYTE10
BYTE 11
BYTE8
BYTE 9
BYTE250
BYTE 251
BYTE248
BYTE 249
BYTE254
BYTE 255
BYTE252
BYTE 253
31
0
8
16
24
0
LENGTH
31
OPCODE
ARCFOURSTATE
RESERVED
RESERVED
FLAGS
256Bytes
1312 11109
Reserved
0
flags
15
Reserved
Index i
Reserved
Index j
BYTE2
BYTE 3
BYTE0
BYTE 1
BYTE6
BYTE 7
BYTE4
BYTE 5
BYTE10
BYTE 11
BYTE8
BYTE 9
BYTE250
BYTE 251
BYTE248
BYTE 249
BYTE254
BYTE 255
BYTE252
BYTE 253
31
0
8
16
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com