Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5812-DS01-R Datasheet(PDF) 70 Page - Broadcom Corporation.

Part # 5812-DS01-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS01-R Datasheet(HTML) 70 Page - Broadcom Corporation.

Back Button 5812-DS01-R Datasheet HTML 66Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 67Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 68Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 69Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 70Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 71Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 72Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 73Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 74Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 62
Electrical and Timing Characteristics
Document
5812-DS01-405-R
Se c t ion 4: El ec tr ic al an d Ti m i ng C h a r ac te ri sti c s
BCM5812 PCI pins violate THD slightly (0.6 ns vs. 0 ns in the PIC Spec). TVAL, TSU, and TSU(PTP) are within the PCI timing
specifications in the entire operating range.
Table 22: Electrical and Timing Specifications
Parameter
Typical
Description
PCI Compliance
3.3V and 5V
Over the range of 25-33 MHz PCI clocks
Supply Voltage
3.3V
± 5%
1.8V
± 5%
For I/O buffers
For the core
I/O Buffers
3.3V
Operating Temperature
0-70C
Within the commercial temperature range
DC Characteristics for the I/O Pins
Follows the PCI 2.2 DC specifications
The BCM5812 works in both 3.3V and 5V environments
Table 23: PCI Pin Timing Specifications
Symbol
Parameter
33 MHz
Units
Min
Max
TVAL
PCI_CLK to Signal Valid Delay - bussed signals
2
11
ns
TSU
Input Setup Time to PCI_CLK - bussed signals
7
ns
TSU(PTP)
Input Setup Time to PCI_CLK - point to point signals (REQ and GNT)
10, 12
ns
THD
Input Hold Time from PCI_CLK
0
ns
Table 24: Power Consumption (BCM5812-200)
Parameter
Max Power
Max Current
Max Voltage
(Vnominal +5%)
Peripheral
0.05W
14.4 mA
3.46V
Core
0.4W
211 mA
1.89V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com