Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5812-DS01-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # 5812-DS01-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS01-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button 5812-DS01-R Datasheet HTML 25Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 32Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Advance Data Sheet
BCM5812
3/11/03
B roa dcom Co rpo rat ion
Document
5812-DS01-405-R
Cryptographic Operations
Page 21
In null data mode, the input fragment chain entry in the packet descriptor and any chained elements are ignored. Only the
output fragment chained entry values are used. The number of keystream bytes generated is the packet length, which must
equal the total of the output fragment lengths.
For normal encipherment, the packet length, total of the input fragment lengths, and total of the output fragment lengths must
be equal.
Figure 20: ARCFOUR Packet Description Showing Input Fragments
0
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
31
INPUT FRAGMENT ADDRESS
PACKET LENGTH
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Fragment 1
Length
Fragment 2
Length
Fragment N
Length
Gathered Input Packet
(Network Byte Order)
Input Fragment Chain
Input Fragments Can Be
Arbitrary Byte Aligned
Packet Descriptor
0
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
31
INPUT FRAGMENT ADDRESS
PACKET LENGTH
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Fragment 1
Length
Fragment 2
Length
Fragment N
Length
Gathered Input Packet
(Network Byte Order)
Input Fragment Chain
Input Fragments Can Be
Arbitrary Byte Aligned
0
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
31
INPUT FRAGMENT ADDRESS
PACKET LENGTH
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Fragment 1
Length
Fragment 2
Length
Fragment N
Length
Gathered Input Packet
(Network Byte Order)
Input Fragment Chain
Input Fragments Can Be
Arbitrary Byte Aligned
Packet Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com