Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5812-DS01-R Datasheet(PDF) 65 Page - Broadcom Corporation.

Part # 5812-DS01-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS01-R Datasheet(HTML) 65 Page - Broadcom Corporation.

Back Button 5812-DS01-R Datasheet HTML 61Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 62Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 63Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 64Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 65Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 66Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 67Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 68Page - Broadcom Corporation. 5812-DS01-R Datasheet HTML 69Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
Advance Data Sheet
BCM5812
3/11/03
B roa dcom Co rpo rat ion
Document
5812-DS01-405-R
PCI Configuration Registers
Page 57
23
RO
1
Fast back to back capable status
22:23
RSVD
0
Reserved
20
RO
1
Capability list
19:16
RSVD
0x00
Reserved
PCI Rev ID – 0x08
7:0
RO
0x01/0xE1
Hardwired device revision identifier (0x01 for domestic version and 0xE1 for
export version)
PCI Class Code Register – 0x08
31:8
RO
0x0B4000
Class code value (hardwired) – 0x0B4000 (processor class, coprocessor
subclass)
BIST, Header, Master Latency, PCI Cache Line – 0x0C
31
RO
0
BIST capable, no BIST capability
30
RW
0
BIST start, writing has no effect
29:24
RO
0x00
BIST register, Not supported in BCM5812. Default to 0x00.
23:16
RO
0x00
Header type = 0, single function
15:10
RW
0x0C
Master latency timer. The value in this register defines the maximum length of the
current burst should the PCI arbiter logic remove the GNT signal from the
BCM5812 device. This value is ignored as long as the GNT signal remains
asserted to the BCM5812. Once GNT is removed, the latency timer limit is
immediately applied. This register can be programmed with values from 0x00 to
0xfc. Only the six most significant bits are implemented (two LSBs are hardwired
to 0). A value of zero would cause the BCM5812 to perform one data phase.
9:8
RO
0x00
7:0
RW
0x00
Cache line size. The value in this register determines what types of PCI bus
master read cycles are generated by the BCM5812 device. When the intended
read burst is smaller than a full cacheline and is completely contained within a
single cache line, a MEM_READ cycle is generated. When the intended read
burst is exactly one full cacheline or crosses only one cacheline boundary, a
MEM_READ_LINE cycle is generated. When the intended burst is exactly two
full cachelines or crosses multiple cache line boundaries, a
MEM_READ_MULTIPLE cycle is used. Setting this register to zero inhibits the
BCM5812 from generating any MEM_READ_LINE or MEM_READ_MULTIPLE
cycles.
PCI Memory BAR – 0x10
31:16
RW
0xFFFF
Memory Base Address Register (upper), 64 KB region, non-prefetchable,
relocate in 32-bit space only.
15:0
RO
0x0000
Memory Base Address Register (lower), 64 KB region, non-prefetchable,
relocate in 32-bit space only.
Subsystem ID, Subsystem Vendor ID – 0x2C
31:16
RO
0x0200 /
0x0500
Subsystem ID
• BCM5812-200 = 0x0200
• BCM5812-500 = 0x0500
15:0
RO
0x14E4
Subsystem Vendor ID (Broadcom PCISIG ID)
Table 19: PCI Configuration Register Bit Fields (Cont.)
Bits
Access
Reset
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com