Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REDIN480-24/3AC Datasheet(PDF) 2 Page - Recom International Power

Part # REDIN480-24/3AC
Description  480 Watt 3 Phase DIN-Rail Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480-24/3AC Datasheet(HTML) 2 Page - Recom International Power

  REDIN480-24/3AC Datasheet HTML 1Page - Recom International Power REDIN480-24/3AC Datasheet HTML 2Page - Recom International Power REDIN480-24/3AC Datasheet HTML 3Page - Recom International Power REDIN480-24/3AC Datasheet HTML 4Page - Recom International Power REDIN480-24/3AC Datasheet HTML 5Page - Recom International Power REDIN480-24/3AC Datasheet HTML 6Page - Recom International Power REDIN480-24/3AC Datasheet HTML 7Page - Recom International Power REDIN480-24/3AC Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.recom-power.com
REV.: 0/2018
PDR-2
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom.Vin, full load and after warm-up unless otherwise stated)
REDIN480/3AC
Series
REGULATION
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
10% change in input voltage
±0.1% typ.
Load Regulation
10% - 100% load
±1.0% typ., ±2.0% max.
Transient Response
25% load step change
recovery time
200mV typ.
50ms typ.
100
90
80
70
60
50
40
30
20
10
0
Output Load [%]
0
10 20 30
40 50 60
70 80 90 100
360V
400V
480V
0
10 20 30
40 50 60 70 80 90 100
100
90
80
70
60
50
40
30
20
10
0
Output Load [%]
360V
400V
480V
Efficiency vs. Load @ 3 Phase Operation
Power Dissipation vs. Load @ 3 Phase Operation
0
10 20 30
40 50 60 70 80 90 100
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
Output Load [%]
Accuracy vs. Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com