Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REDIN480-24/3AC Datasheet(PDF) 5 Page - Recom International Power

Part # REDIN480-24/3AC
Description  480 Watt 3 Phase DIN-Rail Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480-24/3AC Datasheet(HTML) 5 Page - Recom International Power

  REDIN480-24/3AC Datasheet HTML 1Page - Recom International Power REDIN480-24/3AC Datasheet HTML 2Page - Recom International Power REDIN480-24/3AC Datasheet HTML 3Page - Recom International Power REDIN480-24/3AC Datasheet HTML 4Page - Recom International Power REDIN480-24/3AC Datasheet HTML 5Page - Recom International Power REDIN480-24/3AC Datasheet HTML 6Page - Recom International Power REDIN480-24/3AC Datasheet HTML 7Page - Recom International Power REDIN480-24/3AC Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.recom-power.com
REV.: 0/2018
PDR-5
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom.Vin, full load and after warm-up unless otherwise stated)
152.5
158.6
52.0
11.5
13.0
115.0
L1
VAdj.
DC OK LED
L2
L3
+V
+V
-V
-V
-V
Dimension Drawing (mm)
Notes:
Note3: The use of sleeve or ferrule terminations is recommended
REDIN480/3AC
Series
Terminals and Wiring
Type
Screw Connector
Solid Wire Input
0.2 - 2.5mm2
Solid Wire Output
0.5 - 6.0mm²
Stranded Wire Input (3)
0.2 -2.5mm2
Stranded Wire Output (3)
0.5 - 4mm²
American Wire Gauge Input
AWG 24-14
Amerivan Wire Gauge Output
AWG 12-10
Wire Stripping Length Input
9mm
Wire Stripping Length Output
14mm
Screwdriver (slotted / cross)
3.5mm
Recommended tightening torque Input
0.4Nm-0.5Nm
Recommended tightening torque Output
0.5Nm-0.6Nm
Tolerance: X.X ±0.5mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com