Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REDIN480-24/3AC Datasheet(PDF) 3 Page - Recom International Power

Part # REDIN480-24/3AC
Description  480 Watt 3 Phase DIN-Rail Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480-24/3AC Datasheet(HTML) 3 Page - Recom International Power

  REDIN480-24/3AC Datasheet HTML 1Page - Recom International Power REDIN480-24/3AC Datasheet HTML 2Page - Recom International Power REDIN480-24/3AC Datasheet HTML 3Page - Recom International Power REDIN480-24/3AC Datasheet HTML 4Page - Recom International Power REDIN480-24/3AC Datasheet HTML 5Page - Recom International Power REDIN480-24/3AC Datasheet HTML 6Page - Recom International Power REDIN480-24/3AC Datasheet HTML 7Page - Recom International Power REDIN480-24/3AC Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.recom-power.com
REV.: 0/2018
PDR-3
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom.Vin, full load and after warm-up unless otherwise stated)
REDIN480/3AC
Series
PROTECTIONS
Parameter
Type
Value
Input Fuse
internal
F4A, fast blow
Recommended backup fuse for mains protection
3x 6A (charactersitics B)
3x 10A (charactersitics B)
3x 16A (charactersitics B)
Short Circuit Protection (SCP)
below 100m
Ω
>125% typ. power limiting
Over Voltage Protection (OVP)
>145% typ. auto recovery
Over Voltage Category (OVC)
OVC II
Over Temperature Protection (OTP)
refer to note 2
Over Current Protection (OCP)
>120% typ. auto recovery
Power OK LED
“DC OK” Light green
Vout >21.5V
Class of Equipment
Class I
Isolation Voltage
tested for 1 minute
I/P to O/P
4242VDC
O/P to PE
2300VDC
Isolation Resistance
10M
Ω min.
Insulation Grade
reinforced
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating @ natural convection 0.1m/s (see graph)
-25°C to +55°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.05%/°C
Operating Altitude
2000m
Operating Humidity
non-condensing at 25°C
5%-95% RH max.
IP Rating
IP20
Pollution Degree
according to EN50178
PD2
Shock
30G in all directions
Vibration
<15Hz, amplitute ±2.5mm 15Hz to 150Hz, 2.3G, 90min.
MTBF
according to IEC61709
+25°C
+55°C
500 x 103 hours
60 x 103 hours
24Vout
22.5Vout
29.5Vout
100
93.8
80
60
62.5
40
20
0
0
-20
-25
60
55
70
40
20
80
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Notes:
Note2: Under thermal overload conditions, the device does not switch off; instead, the output current is limited as much as necessary to
return internal operating temperatures to safe limits. After the device cools down, full output capacity is automatically restored.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com