Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REDIN480-24/3AC Datasheet(PDF) 4 Page - Recom International Power

Part # REDIN480-24/3AC
Description  480 Watt 3 Phase DIN-Rail Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480-24/3AC Datasheet(HTML) 4 Page - Recom International Power

  REDIN480-24/3AC Datasheet HTML 1Page - Recom International Power REDIN480-24/3AC Datasheet HTML 2Page - Recom International Power REDIN480-24/3AC Datasheet HTML 3Page - Recom International Power REDIN480-24/3AC Datasheet HTML 4Page - Recom International Power REDIN480-24/3AC Datasheet HTML 5Page - Recom International Power REDIN480-24/3AC Datasheet HTML 6Page - Recom International Power REDIN480-24/3AC Datasheet HTML 7Page - Recom International Power REDIN480-24/3AC Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.recom-power.com
REV.: 0/2018
PDR-4
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom.Vin, full load and after warm-up unless otherwise stated)
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 1st Edition: 2007
CSA C22.2 No. 60950-1, 1st Edition: 2006
Industrial Control Equipment
E470721
UL508, 17th-Edition
CSA C22.2 No. 107.1-01, 3rd-Edition
Information Technology Equipment - General Requirments for Safety (LVD)
EN60950-1:2006+A2:2013
EAC
RU-AT.37.02367
TP TC 004/2011
RoHs2
RoHs 2011/65/EU
EMC Compliance
Report / Condition
Standard / Criterion
Industrial, scientific and medical equipment – Radio frequency distur-
bance characteristics – Limits and methods of measurement
EN55011:1989 + A2:2002, Class B
ESD Electrostatic discharge immunity test
Air ±2, 4, 8kV
Contact ±2, 4, 6, 8kV
EN61000-4-2:1995 + A1:2001, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80 - 3000MHz)
EN61000-4-3:2002 + A1:2002, Criteria A
Fast Transient and Burst Immunity
AC Power Port: ±4kV
PE ±4kV
DC Power Port ±2kV
EN61000-4-4:1995 + A2:2001, Criteria A
Surge Immunity
AC Power Port: L-N ±0.5, 1, 2kV
L-PE ±4kV
DC Power Port ±0.5, 1, 2kV
EN61000-4-5:1995 + A1:2001, Criteria A, B (L-PE)
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port 10V
DC Power Port 10V
EN61000-4-6:1996 + A1:2001, Criteria A
Voltage Dips and Interruptions
Voltage Dips and Interruptions
Voltage Dips and Interruptions
Voltage Dips and Interruptions
Voltage Dips >95%
Voltage Dips 60%
Voltage Dips 30%
Voltage Interruptions > 95%
EN61000-4-11:1994 + A1:2001, Criteria A
EN61000-4-11:1994 + A1:2001, Criteria B
EN61000-4-11:1994 + A1:2001, Criteria A
EN61000-4-11:1994 + A1:2001, Criteria B
Limits of Harmonic Current Emissions
EN61000-3-2:2000, Class A
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:1995 + A1:2001
Railway applications – Electromagnetic compatibility Part 4: Emission
and immunity of the signalling and telecommunications apparatus
EN50121-4:2006
EMC Compliance (Generic Standards)
Report / Condition
Standard / Criterion
Generic standards - Immunity standard for industrial environments
EN61000-6-2:2005
Generic standards - Emission standard for residential, commercial and
light-industrial environments
EN61000-6-3:2007 + A1:2011
REDIN480/3AC
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
cover
case
steel sheet, zinc-plated
aluminium
Unit Dimension (LxWxH)
152.5 x 115.0 x 130.0mm
Unit Weight
2000g typ.
continued on next page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com