Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RC2-3CSIM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 10Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 15Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 16Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
13
AT89C51RB2/RC2
4180B–8051–04/03
Functional Block
Diagram
Figure 3. Functional Oscillator Block Diagram
Prescaler Divider
•
A hardware RESET puts the prescaler divider in the following state:
•
CKRL = FFh: FCLK CPU = FCLK PERIPH = FOSC/2 (Standard C51 feature)
•
Any value between FFh down to 00h can be written by software into CKRL register
in order to divide frequency of the selected oscillator:
•
CKRL = 00h: minimum frequency
F
CLK CPU = FCLK PERIPH = FOSC/1020 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSC/510 (X2 Mode)
•
CKRL = FFh: maximum frequency
F
CLK CPU = FCLK PERIPH = FOSC/2 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSC (X2 Mode)
F
CLK CPU and FCLK PERIPH
In X2 Mode, for CKRL<>0xFF:
In X1 Mode, for CKRL<>0xFF then:
Xtal2
Xtal1
Osc
CLK
Idle
CPU clock
CKRL
Reload
8-bit
Prescaler-Divider
Reset
Peripheral Clock
:2
X2
0
1
F
OSC
CKCON0
CLK
PERIPH
CPU
CKRL = 0xFF?
0
1
F
CPU
F
=
CLKPERIPH
F
OSC
2
255
CKRL
–
()
×
-----------------------------------------------
=
F
CPU
F
=
CLKPERIPH
F
OSC
4
255
CKRL
–
()
×
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com