Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RC2-3CSIM Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 49Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 50Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 51Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 52Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 53Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 54Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 55Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 56Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
53
AT89C51RB2/RC2
4180B–8051–04/03
Interrupt System
The AT89C51RB2/RC2 has a total of 9 interrupt vectors: two external interrupts (INT0
and INT1), three timer interrupts (timers 0, 1 and 2), the serial port interrupt, SPI inter-
rupt, Keyboard interrupt and the PCA global interrupt. These interrupts are shown in
Figure 21.
Figure 21. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clear-
ing a bit in the Interrupt Enable register (Table 45 and Table 47). This register also
contains a global disable bit, which must be cleared to disable all interrupts at once.
Each interrupt source can also be individually programmed to one out of four priority lev-
els by setting or clearing a bit in the Interrupt Priority register (Table 48) and in the
Interrupt Priority High register (Table 46 and Table 47) shows the bit values and priority
levels associated with each combination.
IE1
0
3
High Priority
Interrupt
Interrupt
Polling
Sequence, Decreasing From
High to Low Priority
Low Priority
Interrupt
Global Disable
Individual Enable
EXF2
TF2
TI
RI
TF0
INT0
INT1
TF1
IPH, IPL
IE0
0
3
0
3
0
3
0
3
0
3
0
3
PCA IT
KBD IT
SPI IT
0
3
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com