Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RC2-3CSIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 17Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 18Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 19Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 20Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 21Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 22Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 23Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 24Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
21
AT89C51RB2/RC2
4180B–8051–04/03
Expanded RAM
(XRAM)
The AT89C51RB2/RC2 provides additional bytes of random access memory (RAM)
space for increased data parameter handling and high-level language usage.
AT89C51RB2/RC2 devices have expanded RAM in external data space; maximum size
and location are described in Table 18.
Table 18. Expanded RAM
The AT89C51RB2/RC2 has internal data memory that is mapped into four separate
segments.
The four segments are:
1.
The Lower 128 Bytes of RAM (addresses 00h to 7Fh) are directly and indirectly
addressable.
2.
The Upper 128 Bytes of RAM (addresses 80h to FFh) are indirectly addressable
only.
3.
The Special Function Registers, SFRs, (addresses 80h to FFh) are directly
addressable only.
4.
The expanded RAM Bytes are indirectly accessed by MOVX instructions, and
with the EXTRAM bit cleared in the AUXR register (see Table 18).
The lower 128 Bytes can be accessed by either direct or indirect addressing. The Upper
128 Bytes can be accessed by indirect addressing only. The Upper 128 Bytes occupy
the same address space as the SFR. That means they have the same address, but are
physically separate from SFR space.
Figure 7. Internal and External Data Memory Address
When an instruction accesses an internal location above address 7Fh, the CPU knows
whether the access is to the upper 128 Bytes of data RAM or to SFR space by the
addressing mode used in the instruction.
•
Instructions that use direct addressing access SFR space. For example:
MOV 0A0H, # data, accesses the SFR at location 0A0h (which is P2).
Part Number
XRAM Size
Address
Start
End
AT89C51RB2/RC2
1024
00h
3FFh
XRAM
Upper
128 Bytes
Internal
RAM
Lower
128 Bytes
Internal
RAM
Special
Function
Register
80h
80h
00
0FFh or 3FFh
0FFh
00
0FFh
External
Data
Memory
0000
00FFh up to 03FFh
0FFFFh
Indirect Accesses
Direct Accesses
Direct or Indirect
Accesses
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com