Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RC2-3CSIM Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 35Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 36Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 37Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 38Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 39Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 40Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 41Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 42Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
39
AT89C51RB2/RC2
4180B–8051–04/03
High-speed Output Mode In this mode the CEX output (on port 1) associated with the PCA module will toggle
each time a match occurs between the PCA counter and the modules capture registers.
To activate this mode the TOG, MAT, and ECOM bits in the modules CCAPMn SFR
must be set (see Figure 14).
A prior write must be done to CCAPnL and CCAPnH before writing the ECOMn bit.
Figure 14. PCA High-speed Output Mode
Before enabling ECOM bit, CCAPnL and CCAPnH should be set with a non-zero value,
otherwise an unwanted match could occur.
Once ECOM is set, writing CCAPnL will clear ECOM so that an unwanted match doesn’t
occur while modifying the compare value. Writing to CCAPnH will set ECOM. For this
reason, user software should write CCAPnL first, and then CCAPnH. Of course, the
ECOM bit can still be controlled by accessing to CCAPMn register.
CH
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n = 0 to 4
0xDA to 0xDE
CAPNn MATn TOGn PWMn ECCFn
CAPPn
16-bit Comparator
Match
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2
CCF1
CCF0
PCA IT
Enable
CEXn
PCA Counter/Timer
Write to
CCAPnH
Reset
Write to
CCAPnL
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com