Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW-1/2 Datasheet(PDF) 14 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 14 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
RD-0613
www.irf.com
f
osc
t
Preheat
Ignition
Run
f
Preheat
f
Run
Start
f
Fig. 9: Oscillator Frequency versus Time During Normal Operating Conditions
Figure 9 shows a plot of the half-bridge oscillation frequency as a function of time for normal Preheat,
Ignition and Run ballast operating modes. The duration of the Preheat Mode, as well as all ballast
operating modes, are determined by the voltage on the CPH pin of the IRS2168D. At the end of UVLO
Mode, Preheat Mode is entered and the external capacitor at the CPH pin of the IRS2168D begins to
charge through the external resistor (RCPH) from CPH to VCC. The ballast remains in Preheat Mode
until the voltage on the CPH pin exceeds the End-of-Preheat Mode threshold of 0.67(VCC), at which
time the ballast then enters Ignition Mode.
Ignition Mode
When the IC enters Ignition Mode, CPH is discharged quickly to 0.33(VCC) and RPH is disconnected
from COM via an internal MOSFET at the RPH pin. CPH begins to charge up again from 0.33(VCC)
and the frequency begins to ramp down to the run frequency at a rate determined by the time constant
RPH(CVCO). During this ramping downward of the frequency, the voltage across the lamp increases in
magnitude as the frequency approaches the resonant frequency of the LC load circuit until the lamp
ignition voltage is exceeded and the lamp ignites. The maximum ignition voltage that can be generated
is determined from the value of RCS, and the ignition frequency must be higher than the run frequency
so that the frequency sweeps through the resonance frequency to ensure lamp ignition. If the lamp does
not ignite, then the ignition regulation feature of the IRS2168D will regulate the ballast output voltage
to a constant level (programmed by RCS) for the duration of Ignition Mode. Figure 10 shows the lamp
voltage during ignition ramp and ignition regulation during a lamp non-strike condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com