Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW-1/2 Datasheet(PDF) 10 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 10 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier CW-1/2 Datasheet HTML 10Page - International Rectifier CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
RD-0613
www.irf.com
HORIZONTAL
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
Fi 324 or equivalent
WINDING START PIN FINISH PIN TURNS WIRE DIAMETER (mm)
MAIN
PHYSICAL LAYOUT
TEST
MAIN WINDING
MIN 1.9
MAX 2.1
MAIN WINDING
mm
mH
mH
MAX 1.8
Ohms
PART NO.: IL 060 320 51 01 REF DES: LRES
(TEST FREQUENCY = 50kHz)
NOMINAL INDUCTANCE
MAXIMUM CURRENT
MAXIMUM CORE TEMPERATURE
mH
Apk
ºC
115
NOTE : Inductor must not saturate at maximum current and maximum core temperature at given
test frequency.
ELECTRICAL
BOBBIN
PINS
CATHODE (1)
CATHODE (2)
EVD25
2.82
8
2
2
5mm
5mm
20.05mm
25mm
TOP VIEW
1
2
3
4
8
7
6
5
1
8
185
4 strands of AWG 32
6
7
8
4 strands of AWG 32
4
5
8
4 strands of AWG 32
Fig. 6: Resonant Inductor Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com