Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW-1/2 Datasheet(PDF) 17 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 17 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier CW-1/2 Datasheet HTML 19Page - International Rectifier CW-1/2 Datasheet HTML 20Page - International Rectifier CW-1/2 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
RD-0613
www.irf.com
UVLO Mode and the PFC and ballast oscillators are disabled, the PFC and half-bridge driver outputs
(PFC, LO, and HO) are turned off, and the IRS2168D consumes micro-power current at VCC.
Lamp Removal and Auto-Restart
Resistors RPU, RSD and capacitor CSD1 form a divider/filter network used to detect an open lower
lamp filament and/or lamp replacement. Under normal conditions, the voltage across CSD1 is close to
zero. If the lower filament becomes open or the lamp is removed, however, the voltage at the SD pin
increases above the 5 V threshold and causes the IC to shutdown (Figure 12). The ballast remains
shutdown until a lamp replacement is performed. If the lamp is replaced with a lamp with a good lower
filament, the voltage on the SD pin of the IRS2168D drops back below the 3 V threshold and the
ballast will restart in Preheat Mode. The ballast will go through the Preheat, Ignition, and Run Mode
sequences each time a restart is performed. Note that the SD pin of the IRS2168D is active during
Preheat and Run Modes and is disabled during Ignition Mode.
Fig. 12: SD Pin Voltage (Black) and Lamp Voltage (Blue) during
Lamp Removal/Auto-Restart Condition
Fault Mode
When a fault is detected at the CS pin or SD/EOL pin, the IC will enter Fault Mode. During Fault
Mode, the ballast section and PFC section are both shutdown. The DC bus voltage will drop to the
non-boosted peak AC line voltage level. There are several lamp fault conditions that can cause the IC
to enter into Fault Mode. These include: hard-switching at the half-bridge mid-point (open load), over-
current (non-strike), lamp voltage shift (end-of-life), and lamp removal (SD/EOL pin). Resistor RCS in
the source lead of the low-side MOSFET (MLS) serves as the current-sensing point for the half-bridge,
and is used to detect hard-switching or over-current. During normal operation when the half-bridge is
oscillating, a voltage appears across RCS when the low-side MOSFET, MLS, is turned on. The
magnitude of this voltage directly relates to the current in the lamp resonant circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com