Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW-1/2 Datasheet(PDF) 20 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 20 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier CW-1/2 Datasheet HTML 19Page - International Rectifier CW-1/2 Datasheet HTML 20Page - International Rectifier CW-1/2 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
RD-0613
www.irf.com
and will turn on again at the next zero-crossing of the inductor current as detected by the ZX pin. This
over-current condition can occur, for example, during a low-line condition (Figure 15). As the AC line
decreases, the PFC inductor and MOSFET current will increase to keep the DC bus constant for a
given power level. When the peak current reaches the over-current threshold, the cycle-by-cycle
current limit will cause the peak of the MOSFET current to flatten and the DC bus to start to drop. This
current limit is necessary to prevent saturation of the PFC inductor current and to protect the PFC
MOSFET from being damaged.
Fig. 15: OC Pin Voltage (Black) and DC Bus Voltage (Green) During Low-Line Condition
Brown-Out Protection
The IRS2168D includes an under-voltage reset (UVR) function at the VBUS pin. Should the DC bus
decrease too far during a momentary interrupt of the mains input voltage, the ballast should be properly
shutdown and restarted. This will prevent the lamp from extinguishing and will properly preheat and
restart the lamp when the mains voltage returns. If the VBUS pin voltage decreases below 3 V, the
PFC and half-bridge gate drivers will be turned off and VCC will be discharged to UVLO-. The ballast
will then be restarted via the RSUPPLY resistor when the mains voltage reaches a high enough level
again (Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com