Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725Y Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8725Y
Description  DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8725Y Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8725Y Datasheet HTML 1Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 2Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 3Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 4Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 5Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 6Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8725
www.icst.com/products/hiperclocks.html
REV. A MARCH 5, 2001
2
Integrated
Circuit
Systems, Inc.
ICS8725
1-TO-5
DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
10
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
21
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
31
K
L
C
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
41
K
L
C
_
F
E
R
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
52
K
L
C
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
62
K
L
C
_
2
E
R
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
7L
E
S
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
r
o
2
K
L
C
_
F
E
R
s
t
c
e
l
e
s
w
o
L
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
.
1
K
L
C
_
F
E
R
n
r
o
1
K
L
C
_
F
E
R
s
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
2
K
L
C
_
F
E
R
n
8R
Mt
u
p
n
In
w
o
d
ll
u
P
.
s
t
u
p
t
u
o
e
h
t
f
o
e
t
a
t
s
e
n
i
m
r
e
t
e
d
d
n
a
s
r
e
d
i
v
i
d
s
t
e
s
e
R
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9I
D
D
Vr
e
w
o
P.
V
3
.
3
o
t
t
c
e
n
n
o
C
.
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
r
o
c
d
n
a
t
u
p
n
I
0
1N
I
_
B
F
nt
u
p
n
Ip
u
ll
u
P
.
"
y
a
l
e
d
o
r
e
z
"
h
t
i
w
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
e
r
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
1
1N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
.
"
y
a
l
e
d
o
r
e
z
"
h
t
i
w
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
e
r
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
2
1V
I
D
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
,
8
2
,
3
1
9
2
E
E
Vr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
n
i
p
d
n
u
o
r
G
5
1
,
4
1
,
0
Q
n
0
Q
t
u
p
t
u
O
0
5
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
V
L
,
7
1
.
6
1
5
2
,
4
2
O
D
D
Vr
e
w
o
P.
V
8
.
1
o
t
t
c
e
n
n
o
C
.
s
n
i
p
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
9
1
,
8
1
,
1
Q
n
1
Q
t
u
p
t
u
O
0
5
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
V
L
1
2
,
0
2
,
2
Q
n
2
Q
t
u
p
t
u
O
0
5
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
V
L
3
2
,
2
2
,
3
Q
n
3
Q
t
u
p
t
u
O
0
5
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
V
L
7
2
,
6
2
,
4
Q
n
4
Q
t
u
p
t
u
O
0
5
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
V
L
0
3A
D
D
Vr
e
w
o
P.
V
3
.
3
o
t
t
c
e
n
n
o
C
.
n
i
p
y
l
p
p
u
s
r
e
w
o
p
L
L
P
1
3L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
e
h
t
o
t
t
u
p
n
i
e
h
t
s
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
e
h
t
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
s
t
c
e
l
e
s
W
O
L
n
e
h
W
.
L
L
P
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
s
r
e
d
i
v
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
3I
D
D
Vr
e
w
o
P.
V
3
.
3
o
t
t
c
e
n
n
o
C
.
n
i
p
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com